Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download THV1021E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THV1021-Rev0.05W
Preliminary
THV1021
2ch Buck, Boost and Inverting Controller
General Description
THine's new 2ch Buck/Boost & Inverting controller enables simple & low cost multi-channel power supply system design. Ch-1 is selectable Buck/Boost controller, ch-2 is selectable Inverting / Buck converter. All channels are PWM controllers and are designed to make phase compensation easy for output ceramic capacitors. SS_1,2, DTC_1,2, and SCP pins help to design user defined soft start time, dead time and timer latch delay time. Utilizing those pins and P_GOOD 1,2, the ensured sequence control can be easily set and linked to the external circuit. This IC is suitable for power supply system of TFT LCD bias and for system board with multi-channel power supply.
Features
*TSSOP 24Pin package *Input Voltage range : 4.2 to 18.0V *Push Pull output for direct Power Mos driving *Optimized for Ceramic output capacitor *Complete PWM mode controller *Adjustable switching frequency 200kHz to 1MHz by external resister *Timer Latch Protection * System UVLO Function *Adjustable Soft Start time by external capacitor *Adjustable Timer Latch Delay time by external capacitor *Adjustable Dead Time Control by external resistor *Ch1 is Buck/Boost controller *Ch2 is Buck/Inverting controller
ry
Applications
* TFT LCD Bias voltage supply * TV/monitor set
in a
Pin Asignment
TSSOP 24P
1 2 3 4 5 6 7 8 9 10 11 12 SYSUVLO SCP RT SGND SS_1 INV_1 FB_1 DTC_1 VCC SLCT_1 OUT_1 P_GOOD1 VREF SS_2 SS_VREF NON_INV_2 INV_2 FB_2 DTC_2 XP_DET OUT_SYS OUT_2 P_GOOD2 PGND 24 23 22 21 20 19 18 17 16 15 14 13
P re
lim
* General use
THine Electronics, Inc.


▲Up To Search▲   

 
Price & Availability of THV1021E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X